PART |
Description |
Maker |
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
15DF8 |
1 A, 800 V, SILICON, SIGNAL DIODE
|
NIHON INTER ELECTRONICS CORP
|
1N4007GL 1N4004GL 1N4001GL 1N4002GL 1N4002G 1N4001 |
1.0A GLASS PASSIVATED RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes, Inc. DIODES[Diodes Incorporated] http://
|
PR1007L PR1001 PR1001G_1 PR1001G-A PR1001G-B PR100 |
RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir A405 5K/REEL-13 1 A, 800 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 1000V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 1K/BULK 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 1000V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 5K/AMMO 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 5K/AMMO 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 1K/BULK 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
HT11G10 HT17G |
1.0 AMP. Glass Passivated High Efficient Rectifiers 1 A, 800 V, SILICON, SIGNAL DIODE
|
Taiwan Semiconductor Company, Ltd
|
RL205M12 1N5395M12 1A6-J RL1N4001-N RECTRONLTD-1A1 |
2 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 50 V, SILICON, SIGNAL DIODE 2.5 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD
|
CS92-2M CS92-2N |
SILICON CONTROLLED RECTIFIER 2.0 AMP, 600 THRU 800 VOLTS 2 A, 800 V, SCR, TO-92
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
SW04PCR020 SW20KBN805 BR935 SW08KBN805 |
30 A, 400 V, SILICON, RECTIFIER DIODE 800 A, 2000 V, SILICON, RECTIFIER DIODE 935 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 800 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
BCW66G BCW65A BCW66F BCW65 Q62702-C1892 BCW65B BCW |
NPN Silicon AF Transistors (For general AF applications High current gain) 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
BA982 LL4148 LS4154 BAV21 LS4150 |
SILICON, VHF BAND, MIXER DIODE 0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-213AA 0.15 A, 35 V, SILICON, SIGNAL DIODE 0.25 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.3 A, 50 V, SILICON, SIGNAL DIODE
|
TEMIC SEMICONDUCTORS
|
|